PART |
Description |
Maker |
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP Semiconductors
|
2N2696 |
500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA Bipolar PNP Device in a Hermetically sealed TO18 Metal
|
SEMELAB LTD Seme LAB
|
CV7672 |
Bipolar PNP Device in a Hermetically sealed TO39 Metal Package 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
TT electronics Semelab, Ltd.
|
BDX94 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
ZXT10P40DE6 ZXT10P40DE6TA ZXT10P40DE6TC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 40V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR PNP Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
2N3789 2N3789.MOD 2N3789.MODR1 |
10 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA HERMETIC SEALED, METAL, TO-3, 2 PIN Bipolar PNP Device in a Hermetically sealed TO3
|
TT electronics Semelab, Ltd. Seme LAB
|
2N3868SMD 2N3868SMD-JQRR4 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AB HERMETIC SEALED, CERAMIC, SMD1, 3 PIN Bipolar PNP Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. Seme LAB
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
2N4239X |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-39 晶体管|晶体管|进步党| 80V的五(巴西)总裁| 1A条一(c)| TO - 39封装 Bipolar PNP Device in a Hermetically sealed TO39
|
NXP Semiconductors N.V. Seme LAB
|
2SD1816S-TL-E 2SD1816S-H 2SD1816S-E 2SD1816S-TL-H |
Bipolar Transistor Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
|
ON Semiconductor
|